PART |
Description |
Maker |
LT6554 LT6554CGN LT6554IGN |
650MHz Gain of 1 Triple Video Buffer
|
Linear Technology
|
AD7591DITQ/883B AD7592DITE/883B AD7590DITCHIPS |
650MHz Gain of 2 Triple 2:1Video Multiplexer; Package: QFN; No of Pins: 24; Temperature Range: -40°C to 85°C SPST模拟开 SPDT Analog Switch SPDT模拟开
|
Analog Devices, Inc.
|
LT6557 LT6557CDHC LT6557IDHC LT6557IGN LT6557CGNPB |
500MHz, 2200V/µs Gain of 2, Single Supply Triple Video Amplifier with Input Bias Control; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C 3 CHANNEL, VIDEO AMPLIFIER, PDSO16 500MHz, 2200V/μs Gain of 2, Single Supply Triple Video Amplifi er with Input Bias Control 500MHz, 2200V/楼矛s Gain of 2, Single Supply Triple Video Amplifi er with Input Bias Control 500MHz, 2200V/レs Gain of 2, Single Supply Triple Video Amplifi er with Input Bias Control
|
Linear Technology, Corp.
|
AD8185ARUZ-REEL7 |
310 MHz, 25 mA, Triple 2:1, Buffered (Gain = 2) Multiplexer; Package: TSSOP; No of Pins: 24; Temperature Range: Industrial TRIPLE 2-CHANNEL, VIDEO MULTIPLEXER, PDSO24 380 MHz, 25 mA, Triple 2:1 Multiplexers
|
Analog Devices, Inc.
|
RC6704 |
Triple Fixed Gain Video Amplifier
|
Fairchild Semiconductor
|
EL5308 |
Triple, 600MHz, Fixed Gain Amplifier with Enable
|
Intersil
|
SP65001 |
650MHz Low-loss SAW Filter 43MHz Bandwidth
|
SIPAT Co,Ltd
|
5962-9306802HXC 5962-9306802HXA |
Triple and Quad, 2:1 Video Multiplexer-Amplifiers with Fixed and Settable Gain DC至DC转换
|
Bourns, Inc.
|
LT6557IDHC |
500MHz, 2200V/μs Gain of 2, Single Supply Triple Video Amplifier with Input Bias Control
|
Linear Technology
|
EMK13H2H-56.650M |
OSCILLATORS 50PPM -40 85 3.3V 4 56.650MHZ TS HCMOS 5X7 4PAD SMD CRYSTAL OSCILLATOR, CLOCK, 56.65 MHz, LVCMOS OUTPUT
|
Ecliptek, Corp.
|
27C64-25E/P 27C64-25E/J 27C64-25E/TS 27C64-25E/SO |
330MHz, Gain of 1/Gain of 2 Closed-Loop Buffers Evaluation Kit for the MAX4159, MAX4259 High-Speed, Low-Distortion, Differential Line Receivers SOT23, Rail-to-Rail, Fixed-Gain, Gain Amps/Open-Loop Op Amps x8存储 x8 EPROM x8存储
|
Microchip Technology, Inc. TUSONIX, Inc.
|
|